Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098BBLF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5098BBLF
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLF Datasheet(HTML) 1 Page - STMicroelectronics

  STW5098BBLF Datasheet HTML 1Page - STMicroelectronics STW5098BBLF Datasheet HTML 2Page - STMicroelectronics STW5098BBLF Datasheet HTML 3Page - STMicroelectronics STW5098BBLF Datasheet HTML 4Page - STMicroelectronics STW5098BBLF Datasheet HTML 5Page - STMicroelectronics STW5098BBLF Datasheet HTML 6Page - STMicroelectronics STW5098BBLF Datasheet HTML 7Page - STMicroelectronics STW5098BBLF Datasheet HTML 8Page - STMicroelectronics STW5098BBLF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
April 2007
Rev 1
1/85
1
STw5098
Dual low power asynchronous stereo audio Codec
with integrated power amplifiers
Features
■ Dual 20 bit audio resolution, 8kHz to 96kHz
independent rate ADC and DAC
■ Dual I2S or PCM digital interfaces for dual
master
■ Sustain complex voice and audio flow with or
without mixing
■ I
2C/SPI compatible control I/F
■ Asynchronous sampling ADC and DAC: they
do not require oversampled clock and
information on the audio data sampling
frequency (fs). Jitter tolerant fs
■ Wide master clock range: from 4MHz to 32MHz
■ Stereo headphones drivers, handsfree
loudspeaker driver, line out drivers
■ Mixable analog line inputs
■ Voice filters: 8/16kHz with voice channel filters
■ Automatic gain control for microphone and line-
in inputs
■ Frequency programmable clock outputs
■ Multibit
Σ∆ modulators with data weighted
averaging ADC and DAC
■ DSP functions for bass-treble-volume control,
mute, mono/stereo selection, voice channel
filters, de-emphasis filter and dynamic
compression
■ 93 dB dynamic range ADC, 0.001% THD with
full scale output @ 2.7V
■ 95 dB dynamic range DAC, 0.02% THD
performance @ 2.7V over 16
Ω load
Applications
■ Digital cellular telephones with application
processor such as mp3 or gaming and
Bluetooth concurrent application
Description
STw5098 is a dual low power asynchronous
stereo audio CODEC device with headphones
amplifiers for high quality audio listening and
recording.
Two I2S/PCM digital interfaces are available, one
per master for example Bluetooth and Application
Processor, enabling concurrent audio and voice
flow between Network and user.
The STw5098 control registers are accessible
through a selectable I2C-bus compatible or SPI
compatible interface.
STw5098
VFBGA 5x5x1 (112 pins)
LFBGA 6x6x1.4 (112 pins)
www.st.com


Similar Part No. - STW5098BBLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5098BBLR/LF STMICROELECTRONICS-STW5098BBLR/LF Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
STW5098BBLT/LF STMICROELECTRONICS-STW5098BBLT/LF Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
More results

Similar Description - STW5098BBLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
08-Nov-2005
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094A STMICROELECTRONICS-STW5094A_05 Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
Low Power Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com