Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-44
Freescale Semiconductor
.
Table 4-19 describes TMCNTSC fields.
4.3.2.15
Time Counter Register (TMCNT)
The time counter register (TMCNT), shown in Figure 4-36, contains the current value of the time counter.
The counter is reset to zero on PORESET reset or hard reset but is not effected by soft reset.
0
7
8
9
10
11
12
13
14
15
Field
—
SEC
ALR
—
SIE
ALE
TCF
TCE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10220
Figure 4-35. Time Counter Status and Control Register (TMCNTSC)
Table 4-19. TMCNTSC Field Descriptions
Bits
Name
Description
0–7
—
Reserved, should be cleared.
8
SEC
Once per second interrupt. This status bit is set every second and should be cleared by software.
9
ALR
Alarm interrupt. This status bit is set when the value of the TMCNT is equal to the value programmed
in the alarm register.
10–11
—
Reserved, should be cleared.
12
SIE
Second interrupt enable.
0 The time counter does not generate an interrupt when SEC is set.
1 The time counter generates an interrupt when SEC is set.
13
ALE
Alarm interrupt enable. If ALE = 1, the time counter generates an interrupt when ALR is set.
14
TCF
Time counter frequency. The input clock to the time counter may be either 4 MHz or 32 KHz. The
user should set the TCF bit according to the frequency of this clock.
0 The input clock to the time counter is 4 MHz.
1 The input clock to the time counter is 32 KHz.
See Section 4.1.2, “Timers Clock” for further details.
15
TCE
Time counter enable. Is not affected by soft or hard reset.
0 The time counter is disabled.
1 The time counter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com