Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 219 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-47
4.3.3.2
Periodic Interrupt Timer Count Register (PITC)
The periodic interrupt timer count register (PITC), shown in Figure 4-39, contains the 16 bits to be loaded
in a modulus counter.
Table 4-22 describes PITC fields.
0
15
Field
PITC
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10244
16
31
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10246
Figure 4-39. Periodic interrupt Timer Count Register (PITC)
Table 4-22. PITC Field Descriptions
Bits
Name
Description
0–15
PITC
Periodic interrupt timing count. Bits 0–15 are defined as the PITC, which contains the count for the
periodic timer. Setting PITC to 0xFFFF selects the maximum count period.
16–31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com