Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GP Datasheet(PDF) 53 Page - SPANSION

Part # S29GL01GP
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 53 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 49Page - SPANSION S29GL01GP Datasheet HTML 50Page - SPANSION S29GL01GP Datasheet HTML 51Page - SPANSION S29GL01GP Datasheet HTML 52Page - SPANSION S29GL01GP Datasheet HTML 53Page - SPANSION S29GL01GP Datasheet HTML 54Page - SPANSION S29GL01GP Datasheet HTML 55Page - SPANSION S29GL01GP Datasheet HTML 56Page - SPANSION S29GL01GP Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
53
Da ta
Shee t
(Prelim i nar y )
Figure 11.2 Maximum Positive Overshoot Waveform
11.2
Operating Ranges
Notes
1. Operating ranges define those limits between which the functionality of the device is guaranteed.
2. See also Ordering Information on page 9.
3. For valid VCC/VIO range combinations, see Ordering Information on page 9. The I/Os do not operate at 3 V when VIO = 1.8 V.
11.3
Test Conditions
Figure 11.3 Test Setup
20 ns
20 ns
20 ns
VCC
+2.0 V
+2.0 V
VCC
+0.5 V
Specifications
Range
Ambient Temperature (TA), Industrial (I) Device
–40°C to +85°C
Supply Voltages
VCC
+2.7 V to 3.6 V or
+3.0 V to 3.6 V
VIO Supply Voltages
VIO
+1.65 V to VCC
CL
Device
Under
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com