Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GP Datasheet(PDF) 18 Page - SPANSION

Part # S29GL01GP
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 18 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 14Page - SPANSION S29GL01GP Datasheet HTML 15Page - SPANSION S29GL01GP Datasheet HTML 16Page - SPANSION S29GL01GP Datasheet HTML 17Page - SPANSION S29GL01GP Datasheet HTML 18Page - SPANSION S29GL01GP Datasheet HTML 19Page - SPANSION S29GL01GP Datasheet HTML 20Page - SPANSION S29GL01GP Datasheet HTML 21Page - SPANSION S29GL01GP Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
18
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
6.
Product Overview
The S29GL-P family consists of 1 Gb, 512 Mb, 256 Mb and 128 Mb, 3.0-volt-only, page mode Flash devices
optimized for today’s embedded designs that demand a large storage array and rich functionality. These
devices are manufactured using 90 nm MirrorBit technology. These products offer uniform 64 Kword (128 Kb)
uniform sectors and feature VersatileIO control, allowing control and I/O signals to operate from 1.65 V to
VCC. Additional features include:
Single word programming or a 32-word buffer for an increased programming speed
Program Suspend/Resume and Erase Suspend/Resume
Advanced Sector Protection methods for protecting sectors as required
128 words/256 bytes of Secured Silicon area for storing customer and factory secured information. The
Secured Silicon Sector is One Time Programmable.
6.1
Memory Map
The S29GL-P devices consist of uniform 64 Kword (128 Kb) sectors organized as shown in Table 6.1–
Table 6.4.
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges
that are not explicitly listed (such as SA001-SA1022) have sector starting and ending addresses that form the same pattern as all other
sectors of that size. For example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges
that are not explicitly listed (such as SA001-SA510) have sector starting and ending addresses that the same pattern as all other sectors of
that size. For example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges
that are not explicitly listed (such as SA001-SA254) have sector starting and ending addresses that form the same pattern as all other
sectors of that size. For example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
Table 6.1 S29GL01GP Sector & Memory Address Map
Uniform Sector
Size
Sector
Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/128 Kb
1024
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA1023
3FF0000H - 3FFFFFFh
Sector Ending Address
Table 6.2 S29GL512P Sector & Memory Address Map
Uniform Sector
Size
Sector
Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/128 Kb
512
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA511
1FF0000H - 1FFFFFFh
Sector Ending Address
Table 6.3 S29GL256P Sector & Memory Address Map
Uniform Sector
Size
Sector
Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/128 Kb
256
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA255
0FF0000H - 0FFFFFFh
Sector Ending Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com