Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7GEME4M1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7GEME4M1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4M1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7GEME4M1 Datasheet HTML 7Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 8Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 9Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 10Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 11Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 12Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 13Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 14Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ST7GEME4
ST7GEME4 implementation
11/28
3.3
EMV versus PC/SC-ISO mode
The ST7GEME4 supports two operating modes:
●
An EMV mode, based on the EMV4.1 specifications
●
A PC/SC-ISO mode which allows to manage of a smartcard according to the PC/SC
and ISO 7816-3 standards
The default mode is PC/SC, however, the reader can switch between EMV and PC/SC-ISO
modes.
GemCore2000 is a utility in charge of managing the switching between the two modes.
When the utility is activated, the reader attempts EMV mode management whenever a
smartcard is inserted. If reading is successful, PC/SC mode will not be available.
Caution:
The activation of the GemCore2000 utility must be done before any card command. Any
activation of the GemCore2000 utility is not recommended unless the reader is reset.
The EMV mode fails if:
●
The smartcard has not sent an EMV-compliant answer to reset (ATR)
●
Negotiation of the buffer size with a T=1 card has failed
Using PC/SC-ISO mode with GemCore2000
The reader switches to PC/SC mode after the application or the driver has sent the
appropriate dedicated command to the reader (with a proprietary Escape command). In this
case, the reader remains in PC/SC mode as long as the card remains in the reader.
Whenever the EMV mode fails, the smartcard is powered off. After the host application has
sent the PC/SC switch (proprietary) Escape command, the application must send a new
Card Power On command.
When the reader deals with an EMV card, the data exchanged between the reader and the
host consists of short APDU messages. When the card is not EMV-compliant and the reader
is set to PC/SC-ISO mode, the reader exchanges TPDU messages with the host.
Restriction: character level and the extended APDU are not implemented in ST7GEME4
solution.
Table 3.
Technical features
Features
Description
Characteristics
Supported
smartcards
Asynchronous
– Microprocessor cards
– T=0, T=1 protocols
– Transmission rate: 2 Kbps to 344 Kbps
Synchronous
– Through a comprehensive API
Smartcard
electrical interface
Smartcard power supply
– 5V/55mA and 3V/50mA and 1.8V/20mA
– Short circuit current limitation
– Power up/power down control sequences
Smartcard management
– Card insertion/extraction detection
ESD protection on card I/O
– 4 kV Human Body Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com