Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7GEME4M1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7GEME4M1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4M1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7GEME4M1 Datasheet HTML 20Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 21Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 22Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 23Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 24Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 25Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 26Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 27Page - STMicroelectronics ST7GEME4M1 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ST7GEME4
Revision history
27/28
6
Revision history
Table 27.
Document revision history
Date
Revision
Changes
01-Aug-06
0.1
Initial release
10-May-2007
1
Root part number changed from ST7GEM to ST7GEME4.
21-Sep-2007
2
Document reformatted.
Modified Figure 1 title.
USB host interface replaced by USB interface in Section 1:
Introduction and Table 3: Technical features.
Updated Figure 9: 24-pin plastic small outline package- 300-mil
width, package outline. ddd tolerance and maximum values in inched
added in Table 26: 24-pin plastic small outline package- 300-mil
width, mechanical data.
QFN24 package renamed VFQFPN24. Figure 8: 24-lead very thin
fine pitch quad flat no-lead 5x5 mm 0.65 mm pitch, package outline
updated to remove A2 and A3 dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com