Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL2832U Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part # RTL2832U
Description  DVB-T COFDM DEMODULATORUSB 2.0
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL2832U Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button RTL2832U Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 42Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
for
V4L
CONFIDENTIAL
Realtek
RTL2832U
Datasheet
DVB-T COFDM Demodulator + USB 2.0
33
Track ID: JATR-2265-11
Rev. 1.4
10.3. I2C Master Control Registers (0040h-0053h)
10.3.1.
I2C Clock Register (I2CCR, 0040h-0043h)
Table 22. I
2C Clock Register (I2CCR, 0040h-0043h)
Bits
Access
Reset
Description
31:6
-
-
Reserved
5:0
RW
13h
FD10. Frequency 10M Divisor and 0 are forbidden. 10M=Bus clock/(FD10+1).
When powered on, software must write FD10 to let the I2C controller generate a 10MHz
clock.
10.3.2.
I2C Master Control Register (I2CMCR, 0044h-0047h)
Table 23. I
2C Master Control Register (I2CMCR, 0044h-0047h)
Bits
Access
Reset
Description
31
RW
0
IMUR. I2C Master Unit Reset
0: Normal
1: Reset the I2C Unit (only resets hardware FSM). This bit will self-clear to Zero after
reset complete
30
RW
0
CS. Command Start
0: Stop. After completing a whole transaction, it returns to Zero
1: Start
29:25
RW
0
RWL. Read/Write Data Length for Related Commands
Does not include the slave address byte in the FIFO register.
When accessed, the controller will parse the byte following the last start (or Sr) byte to
find the command type.
0: 1 byte
………
17: 24 bytes
24
RW
1
TORE. Time-Out Register Enable
If TOR is required, the I2C rate must be constrained within 25kbps~400kbps.
This constraint is due to the time-out register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com