Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL2832U Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # RTL2832U
Description  DVB-T COFDM DEMODULATORUSB 2.0
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL2832U Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button RTL2832U Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
for
V4L
CONFIDENTIAL
Realtek
RTL2832U
Datasheet
DVB-T COFDM Demodulator + USB 2.0
15
Track ID: JATR-2265-11
Rev. 1.4
8.3. Two-Wire Interface Between the Tuner and the RTL2832U
Figure 5.
Two-Wire Interface between the Tuner and RTL2832U
The RTL2832U supports an I2C repeater to prevent tuner interference from the two-wire interface. In
normal situations the tuner cannot hear any command sent via the two-wire interface. We need to turn on
the I2C repeater (set register IIC_repeat=1) in order to send a command to the tuner. The command will
be heard by the tuner and the RTL2832U at the same time. The Tuner and RTL2832U can distinguish the
origin of the command by the I2C address. On the PCB, pin I2C_SDAT/I2C_SCLT should be connected
to pull-high resisters (10k ohm) to pull-high the two-wire bus.
Table 3.
I
2C Repeater Register Table
Register Name
Page
Offset{MSB,LSB} Bits Used
RW
Default (Hex) Description
IIC_repeat
1
0x01
[3]
RW
0
I2C Repeater for Tuner
1: Enable
0: Disable
Note 1: IIC_repeat should be set to 1 before sending a command to the tuner.
Note2: IIC_repeat is not automatically set to 0 after receiving a ‘STOP’ command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com