Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT8100APQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8100APQV
Description  Synchronous buck PWM DC/DC with Dual Voltage Control Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8100APQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8100APQV Datasheet HTML 5Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 6Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 7Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 8Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 9Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 10Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 11Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 12Page - Richtek Technology Corporation RT8100APQV Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RT8100A
Preliminary
9
DS8100A-01 August 2007
www.richtek.com
Efficiency vs. Output Current
50
54.5
59
63.5
68
72.5
77
81.5
86
90.5
95
0
5
10
15
20
25
Output Current (A)
Typical Operating Characteristics
VIN = 12V
Load Transient Regulation (Falling)
Time (50us/Div)
VOUT
(200mV/Div)
LGATE
(10V/Div)
UGATE
(10V/Div)
ILoad
(10A/Div)
Frequency vs. RRT
0
100
200
300
400
500
600
700
800
900
1000
1
10
100
1000
10000
RRT (kπ )
RRT connected to GND
RRT connected to 5VSB
(k
Ω)
VIN = 5V
Dead Time (Falling)
LGATE
UGATE
Time (25ns/Div)
PHASE
UGATE−PHASE
(5V/Div)
Dead Time (Rising)
LGATE
UGATE
Time (25ns/Div)
PHASE
UGATE−PHASE
(5V/Div)
Load Transient Regulation (Rising)
Time (10us/Div)
VOUT
(200mV/Div)
LGATE
(10V/Div)
UGATE
(10V/Div)
ILoad
(10A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com