Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9259PS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9259PS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259PS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9259PS Datasheet HTML 3Page - Richtek Technology Corporation RT9259PS Datasheet HTML 4Page - Richtek Technology Corporation RT9259PS Datasheet HTML 5Page - Richtek Technology Corporation RT9259PS Datasheet HTML 6Page - Richtek Technology Corporation RT9259PS Datasheet HTML 7Page - Richtek Technology Corporation RT9259PS Datasheet HTML 8Page - Richtek Technology Corporation RT9259PS Datasheet HTML 9Page - Richtek Technology Corporation RT9259PS Datasheet HTML 10Page - Richtek Technology Corporation RT9259PS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9259
7
DS9259-03T00
August 2007
www.richtek.com
Under Voltage Protection
Time (10ms/Div)
(10V/Div)
LDO
COMP
LGATE
UGATE
VOUT2
(1V/Div)
(20V/Div)
(500mV/Div)
VIN2 = 0V
Start Up
Time (1ms/Div)
(500mV/Div)
VOUT1
(2.5A/Div)
ILOAD
No Load
Start Up
Time (1ms/Div)
(500mV/Div)
VOUT1
RT_Dis
(500mV/Div)
ILOAD = 20A
Transient Response
Time (10
μs/Div)
IL
VOUT
UGATE
(100mV/Div)
(10A/Div)
(20V/Div)
VIN1 = 12V, VOUT1 = 2V
ILOAD = 20A to 1A
Transient Response
Time (2.5
μs/Div)
IL
VOUT1
UGATE
(100mV/Div)
(10A/Div)
(20V/Div)
VIN1 = 12V, VOUT1 = 2V
ILOAD = 1A to 20A
Transient Response
Time (100
μs/Div)
IL
VOUT2
(2mV/Div)
(0.5A/Div)
LDO
VIN2 = 12V, VOUT2 = 2.5V
ILOAD = 1A to 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com