Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9259PS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9259PS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259PS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9259PS Datasheet HTML 4Page - Richtek Technology Corporation RT9259PS Datasheet HTML 5Page - Richtek Technology Corporation RT9259PS Datasheet HTML 6Page - Richtek Technology Corporation RT9259PS Datasheet HTML 7Page - Richtek Technology Corporation RT9259PS Datasheet HTML 8Page - Richtek Technology Corporation RT9259PS Datasheet HTML 9Page - Richtek Technology Corporation RT9259PS Datasheet HTML 10Page - Richtek Technology Corporation RT9259PS Datasheet HTML 11Page - Richtek Technology Corporation RT9259PS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT9259
8
DS9259-03T00
August 2007
www.richtek.com
Figure 2
Application Information
Introduction
The RT9259 is a dual-channel DC/DC controller specifically
designed to deliver high quality power where 12V power
source is available. This part consists of a synchronous
buck controller and an LDO controller. The synchronous
buck controller integrates internal MOSFET drivers that
support 12V+12V bootstrapped voltage for high efficiency
power conversion. The bootstrap diode is built-in to simplify
the circuit design and minimize external part count. The
LDO controller drives an external N-MOSFET for lower
power requirement.
Internal 5VDD Regulator
It is highly recommended to power the RT9259 with well-
decoupled 12V to VCC12 pin. VCC12 powers the RT9259
control circuit, low side gate driver and bootstrap circuit for
high side gate driver. A bootstrap diode is embedded to
facilitates PCB design and reduce the total BOM cost. No
external Schottky diode is required. The RT9259 integrates
MOSFET gate drives that are powered from the VCC12
pin and support 12V + 12V driving capability. Converters
that consist of RT9259 feature high efficiency without
special consideration on the selection of MOSFETs.
An internal linear regulator regulates VCC12 input to a
5VDD voltage for internal control logic circuit. No external
bypass capacitor is required for filtering the 5VDD voltage.
This further facilitates PCB design and reduces the total
BOM cost.
Power On Reset
The RT9259 automatically initializes upon applying input
power (at the VCC12) pin. The power on reset function
(POR) continually monitors the input bias supply voltage
at the VCC12 pin. The VCC12V POR level is typically
9.6V at VCC12V rising.
Frequency Setting and Shut Down
Connecting a resistor RRT from the RT_DIS pin to GND
sets the operation frequency. The relation can be roughly
expressed in the equation.
When let open, the free running frequency is 230kHz
typically. Figure 1 shows the operation frequency vs. RRT
for quick reference.
Figure 1. RT vs. fsw at Low Frequency
Shorting the RT_DIS pin to GND with an external signal-
level MOSFET shuts down the device. This allows flexible
power sequence control for specified application. The
RT_DIS pin threshold voltage is 0.4V typically.
VIN1 Detection
The RT9259 continuously generates a 10kHz pulse train
with 1
μs pulse width to turn on the upper MOSFET for
detecting the existence of VIN1 after VCC12V POR and
RT_DIS enabled as shown in Figure 2. PHASE pin voltage
is monitored during the detection duration.
If the PHASE voltage crosses 1.5V four times, VIN1
existence is recognized and the RT9259 initiates its soft
start cycle as described in next section.
(kHz)
R
7700
kHz
30
2
f
RT
OSC
+
≅
0
200
400
600
800
1000
1200
1400
10
100
1000
RRT (kohm)
(k
Ω)
+
-
V
IN1 POR_H
PHASE
UGATE
PHASE_M
1.5V
Internal Counter will count (V
PHASE > 1.5V)
four times (rising & falling) to recognize
V
IN1 is ready.
1st 2nd 3rd 4th PHASE
waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com