Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9285CPJ6 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9285CPJ6
Description  Tiny Package, High Performance, Diode Embedded White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9285CPJ6 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9285CPJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 12Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9285C
Preliminary
9
DS9285C-00
August 2007
www.richtek.com
As GPIO = 1.8V, VOUT = RA x {(0.25/RB) + (0.25-1.8)/
RGPIO)} + 0.25
(4)
For Efficiency Consideration :
Set RA = 990k
Ω,
If 2 levels are 16V (GPIO = 0V) and 14V (GPIO = 1.8V)
Get RB = 16k
Ω, RGPIO = 890kΩ
Table 2. Suggested Resistance for Output Voltage
Control
Conditions
RA
(k
Ω)
RB
(k
Ω)
RGPIO
(k
Ω)
Case A :
Normal Voltage = 16V
(GPIO = 0V)
Dimming Voltage = 12V
(GPIO = 1.8V)
1100
18
495
Case B :
Normal Voltage = 16V
(GPIO = 0V)
Dimming Voltage = 12V
(GPIO = 2.8V)
1200
19.5
840
Considering the output voltage deviation from the GPIO
voltage tolerance, as GPIO voltage vibrated by 0
± 50mV
and 1.8(2.8)
±5% ,the output voltage could be kept within
±2.5%.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and
the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9285C, where TJ (MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For XDFN/WDFN 2x2
packages, the thermal resistance
θJA is 165蚓 /W on the
standard JEDEC 51-3 single layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula:
PD(MAX) = (125
°C − 25°C) / (165°C/W) = 0.606 W forWDFN/
XDFN 2x2 packages
PD(MAX) = (125
°C − 25°C) / (255°C/W) = 0.392 W for TSOT-
23-6 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ (MAX) and thermal
resistance
θJA. For RT9285C packages, the Figure 6 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 6. Derating Curves for RT9285C Packages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature (
°C)
TSOT-23-6
XDFN/WDFN-8L 2x2
Layout guide
} A full GND plane without gap break.
} Traces in bold need to be routed first and should be
kept as short as possible.
} VDD to GND noise bypass : Short and wide connection
for the 1uF MLCC capacitor between Pin 6 and Pin 2.
} LX node copper area should be minimized for reducing
EMI. (*1)
} The input capacitor C1 should be placed as closed as
possible to Pin 6. (*2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com