Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9285CPJ6 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9285CPJ6
Description  Tiny Package, High Performance, Diode Embedded White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9285CPJ6 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9285CPJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 12Page - Richtek Technology Corporation RT9285CPJ6 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
RT9285C
Preliminary
13
DS9285C-00
August 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
X-Type 8L DFN 2x2 Package
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.400
0.500
0.016
0.020
A1
0.000
0.050
0.000
0.002
A3
0.102
0.152
0.004
0.006
b
0.200
0.300
0.008
0.012
D
1.950
2.050
0.077
0.081
D2
1.000
1.250
0.039
0.049
E
1.950
2.050
0.077
0.081
E2
0.400
0.650
0.016
0.026
e
0.500
0.020
L
0.300
0.400
0.012
0.016
11
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com