Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPWI201610S2R2T Datasheet(PDF) 6 Page - Littelfuse

Part # LPWI201610S2R2T
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI201610S2R2T Datasheet(HTML) 6 Page - Littelfuse

Back Button LPWI201610S2R2T Datasheet HTML 2Page - Littelfuse LPWI201610S2R2T Datasheet HTML 3Page - Littelfuse LPWI201610S2R2T Datasheet HTML 4Page - Littelfuse LPWI201610S2R2T Datasheet HTML 5Page - Littelfuse LPWI201610S2R2T Datasheet HTML 6Page - Littelfuse LPWI201610S2R2T Datasheet HTML 7Page - Littelfuse LPWI201610S2R2T Datasheet HTML 8Page - Littelfuse LPWI201610S2R2T Datasheet HTML 9Page - Littelfuse LPWI201610S2R2T Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
6
LPWI Series
Surface Mount
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.6 x 1.0 mm size (top cover type)
2.0 x 1.6 x 1.0 mm size (top cover type)
110100
0.0
0.3
0.6
0.9
1.2
1.5
LPWI201610TAR47T
LPWI201610T1R0T
LPWI201610TR47T
LPWI201610TA1R0T
LPWI201610TBR47T
LPWI201610TB1R0T
Frequency(MHz)
01
23
45
0.0
0.3
0.6
0.9
1.2
LPWI201610TAR47T
LPWI201610T1R0T
LPWI201610TR47T
LPWI201610TA1R0T
LPWI201610TBR47T
LPWI201610TB1R0T
Current(A)
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.5 x 2.0 x 1.0 mm size
2.5 x 2.0 x 1.0 mm size
110100
0
2
4
6
8
10
12
Frequency(MHz)
LPWI252010SR33T
LPWI252010SR47T
LPWI252010S1R0T
LPWI252010S1R5T
LPWI252010S2R2T
LPWI252010S3R3T
LPWI252010S4R7T
0123456
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LPWI252010SR33T
LPWI252010SR47T
LPWI252010S1R0T
LPWI252010S1R5T
LPWI252010S2R2T
LPWI252010S3R3T
LPWI252010S4R7T
Current(A)
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.5 x 2.0 x 1.0 mm size (High Current)
2.5 x 2.0 x 1.0 mm size (High Current)
110100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency(MHz)
LPWI252010HR47T
LPWI252010NR68T
LPWI252010H1R0T
LPWI252010H2R2T
LPWI252010BR47T
LPWI252010B1R0T
LPWI252010B2R2T
0123456
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LPWI252010SR33T
LPWI252010SR47T
LPWI252010S1R0T
LPWI252010S1R5T
LPWI252010S2R2T
LPWI252010S3R3T
LPWI252010S4R7T
Current(A)
Test Conditions:
■ Test Equipment: 4991A RF Impedance Analyzer (Agilent)
■ Test Frequency: 1MHz ~ 200MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com