Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPWI201610S2R2T Datasheet(PDF) 7 Page - Littelfuse

Part # LPWI201610S2R2T
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI201610S2R2T Datasheet(HTML) 7 Page - Littelfuse

Back Button LPWI201610S2R2T Datasheet HTML 3Page - Littelfuse LPWI201610S2R2T Datasheet HTML 4Page - Littelfuse LPWI201610S2R2T Datasheet HTML 5Page - Littelfuse LPWI201610S2R2T Datasheet HTML 6Page - Littelfuse LPWI201610S2R2T Datasheet HTML 7Page - Littelfuse LPWI201610S2R2T Datasheet HTML 8Page - Littelfuse LPWI201610S2R2T Datasheet HTML 9Page - Littelfuse LPWI201610S2R2T Datasheet HTML 10Page - Littelfuse LPWI201610S2R2T Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
7
LPWI Series
Surface Mount
Inductive Vs. Frequency Characteristics
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to T P
Reflow Condition
Pb-free assembly
Pre Heat
- Temperature Min (T
s(min))
160°C
- Temperature Max (T
s(max))
185°C
- Time (Min to Max) (t
s)
100 − 120 seconds
Average Ramp-up Rate (Liquidus Temp (T
L) to
peak)
1°C/second max
T
S(max) to TL - Ramp-up Rate
1°C/second max
Reflow
- Temperature (T
L) (Liquidus)
220°C
- Temperature (t
L)
30 − 50 seconds
Peak Temperature (T
P)
260°C
Time within 5°C of actual peak Temperature (t
p)
5~10 seconds
Ramp-down Rate
2°C/second max
Time 25°C to Peak Temperature (T
P)
4 minutes max
Do not exceed
260°C
Wave Soldering
260°C, 10 sec. max
Inductive Vs. Frequency Characteristics
Lead Pull Strength
5N
Solderability
260ºC, ≤10s (Reflow),
Max 380ºC,≤5s (Soldering iron)
Soldering Heat
Resistance
Max 260ºC 10sec (Wave),
Max Temperature: Max 380ºC (Max 5sec)
Operating
Temperature
-40ºC ~ + 125ºC
Climatic Category
-40ºC ~ + 85ºC/8 days
Stock Conditions
-10ºC ~ + 40ºC RH, ≤ 70%
Vibration
Resistance
5 g’s for 20 minutes, 12 cycles each of 3
orientations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com