Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS171/CMS173-W480E Datasheet(PDF) 2 Page - DFI Inc

Part # CMS171/CMS173-W480E
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS171/CMS173-W480E Datasheet(HTML) 2 Page - DFI Inc

  CMS171/CMS173-W480E Datasheet HTML 1Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 2Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 3Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
W480E/
Q470E
PCIe x4
HDA
LPC
Front Audio
(Line-out/Mic-in/Line-in)
RS232/422/485 1x
M.2 M key 1x
USB 3.2 2x
Realtek
ALC888
Super IO
with WDT
Fan Control
H/W Monitor
Case Open
DMI 3.0
LGA 1200
LAN 2
GLAN I211AT
MDI
LPC
LPC Header
SPI
SPI BIOS
Channel A
DDR4 2933MHz SODIMM
Channel B
DDR4 2933MHz SODIMM
ASM3042
DDI
DP++
USB 3.2 2x
TPM 2.0 (opt.)
PCIe x1
PCIe x8
PCIe x16 (x8 signal)
PCIe x4
ASM3042
SATA 3.0
SATA 2x
PCIe x4
M.2 E key 1x
PCIe x1
USB 2.0
M.2 B key 1x
PCIe x1
USB 3.2
USB 2.0
SMBus
TCA6408A
SMBus
DIO 8-bit
DDI
DP++
USB 3.2
USB 3.2
GbE
LAN 1
GLAN I219LM
MDI
PCIe x1
GbE
USB 3.2 Gen2/Gen1
USB 3.2 Gen2 2x
USB 2.0
USB 3.2 Gen2/Gen1
USB 3.2 Gen2 2x
USB 2.0
USB 3.2 Gen2/Gen1
USB 3.2 Gen2 2x
USB 2.0
USB 3.2 Gen2/Gen1
USB 3.2 Gen2 2x
USB 2.0
1
3
1
7
1
7
J14
2
13
14
1
170



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com