Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS171/CMS173-W480E Datasheet(PDF) 4 Page - DFI Inc

Part # CMS171/CMS173-W480E
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS171/CMS173-W480E Datasheet(HTML) 4 Page - DFI Inc

  CMS171/CMS173-W480E Datasheet HTML 1Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 2Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 3Page - DFI Inc CMS171/CMS173-W480E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
• 1 CMS171/CMS173 motherboard
• 1 Serial ATA data cable w/lock (Length: 500mm)
332-553001-005G
• 1 Serial ATA power Y cable (Length: 300mm,
1 x SATA POWER 15P*2 TO 4P HSG)
A81-002044-016G
• 1 COM port cable (Length: 250mm, 1 x COM port)
A81-015011-001G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 14, 2024 DFI Inc.
Model Name
CMS171/CMS173-W480E
CMS171/CMS173-Q470E
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
CERTIFICATION
Certification
CE, FCC, RoHS, UKCA
CE, FCC, RoHS, UKCA
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com