Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD40106B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD40106B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD40106B Datasheet(HTML) 1 Page - Silicon Supplies

  CD40106B Datasheet HTML 1Page - Silicon Supplies CD40106B Datasheet HTML 2Page - Silicon Supplies CD40106B Datasheet HTML 3Page - Silicon Supplies CD40106B Datasheet HTML 4Page - Silicon Supplies CD40106B Datasheet HTML 5Page - Silicon Supplies CD40106B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMOS High Voltage Logic – CD40106B
Hex Schmitt Trigger Inverter in bare die form
Wide supply voltage range: 3V to 15V
High noise immunity: 0.70 VDD (typ.)
Low power TTL compatibility:
o
Fan out of 2 driving 74L or 1 driving 74LS
Hysteresis:
o
0.40 VDD (typ.)
o
0.20 VDD (guaranteed).
Rev 1.0
17/02/2023
Features:
The CD40106B Hex Schmitt Trigger is a monolithic
complementary MOS (CMOS) integrated circuit constructed
with N-channel and P-channel enhancement transistors.
The positive and negative going threshold voltages, VT+ and
VT- , show low variation with respect to temperature (typ.
0.0005V/°C at VCC = 10V), and hysteresis, VT+ - VT- ≥ 0.2
VDD is guaranteed. All inputs are protected from damage
due to static discharge by diode clamps to VCC and GND.
Description
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Die Dimensions in µm (mils)
1680 (66)
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
1680 x 1070
Die Size (Unsawn)
66.14 x 42.13
µm
mils
Minimum Bond Pad Size
Sawn Wafer on Tape – On request
105 x 105
4.713 x 4.13
µm
mils
Die Thickness
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 6
www.siliconsupplies.com


Similar Part No. - CD40106B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
CD40106B TI-CD40106B Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Silicon Supplies
CD40106B SS-CD40106B Datasheet
991Kb / 6P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
logo
Texas Instruments
CD40106B TI2-CD40106B Datasheet
1Mb / 35P
CD40106B CMOS Hex Schmitt-Trigger Inverters
REVISED MARCH 2017
CD40106B-MIL TI1-CD40106B-MIL Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results

Similar Description - CD40106B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com