Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD40106B Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD40106B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD40106B Datasheet(HTML) 3 Page - Silicon Supplies

  CD40106B Datasheet HTML 1Page - Silicon Supplies CD40106B Datasheet HTML 2Page - Silicon Supplies CD40106B Datasheet HTML 3Page - Silicon Supplies CD40106B Datasheet HTML 4Page - Silicon Supplies CD40106B Datasheet HTML 5Page - Silicon Supplies CD40106B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CMOS High Voltage Logic – CD40106B
Rev 1.0
17/02/2023
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
-0.5 to VCC +18
VDC
Input Voltage
VIN
-0.5 to VCC +0.5
VDC
Recommended Operating VDD range
VDD
3 to 15
V
Maximum Power Dissipation
2
PD
700
mW
Storage Temperature Range
TSTG
-65 to +150
°C
DC Electrical Characteristics3 T
A = 25°C unless otherwise stated
3. -55˚C ≤ TJ ≤ +125˚C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
Recommended Operating Conditions (V
SS = 0V unless otherwise specified)
VDD
3 to 15
VDC
Input Voltage
VIN
0 to VDD
VDC
Operating Temperature Range
TA
-55 to +125
°C
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
3
UNITS
5V
4
30
30
10V
8
60
60
Maximum Quiescent
Device Current
IDD
15V
16
120
120
µA
5V
0.05
0.05
0.05
10V
0.05
0.05
0.05
Maximum Low-Level
Output Voltage
VOL
15V
│IOUT│≤ 1µA
0.05
0.05
0.05
V
5V
4.95
4.95
4.95
10V
9.95
9.95
9.95
Minimum High-Level
Output Voltage
VOH
15V
│IOUT│≤ 1µA
14.95
14.95
14.95
V
5V
VOUT = 4.5V
0.7
0.7
0.7
10V
VOUT = 9V
1.4
1.4
1.4
Minimum Negative-
Going Threshold
Voltage
VT- MIN
15V
VOUT = 13.5V
2.1
2.1
2.1
V
5V
VOUT = 4.5V
2.0
2.0
2.0
10V
VOUT = 9V
4.0
4.0
4.0
Maximum Negative-
Going Threshold
Voltage
VT- MAX
15V
VOUT = 13.5V
6.0
6.0
6.0
V
5V
VOUT = 0.5V
3.0
3.0
3.0
10V
VOUT = 1V
6.0
6.0
6.0
Minimum Positive -
Going Threshold
Voltage
VT+ MIN
15V
VOUT = 1.5V
9.0
9.0
9.0
V
Page 3 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com