Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 520 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 520 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 518Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 519Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 520Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
520
Freescale Semiconductor
12.3.2.1
SPI Control Register 1 (SPICR1)
Read: Anytime
Write: Anytime
76543210
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
Reset
00000100
Figure 12-3. SPI Control Register 1 (SPICR1)
Table 12-1. SPICR1 Field Descriptions
Field
Description
7
SPIE
SPI Interrupt Enable Bit — This bit enables SPI interrupt requests, if SPIF or MODF status flag is set.
0 SPI interrupts disabled.
1 SPI interrupts enabled.
6
SPE
SPI System Enable Bit — This bit enables the SPI system and dedicates the SPI port pins to SPI system
functions. If SPE is cleared, SPI is disabled and forced into idle state, status bits in SPISR register are reset.
0 SPI disabled (lower power consumption).
1 SPI enabled, port pins are dedicated to SPI functions.
5
SPTIE
SPI Transmit Interrupt Enable — This bit enables SPI interrupt requests, if SPTEF flag is set.
0 SPTEF interrupt disabled.
1 SPTEF interrupt enabled.
4
MSTR
SPI Master/Slave Mode Select Bit — This bit selects whether the SPI operates in master or slave mode.
Switching the SPI from master to slave or vice versa forces the SPI system into idle state.
0 SPI is in slave mode.
1 SPI is in master mode.
3
CPOL
SPI Clock Polarity Bit — This bit selects an inverted or non-inverted SPI clock. To transmit data between SPI
modules, the SPI modules must have identical CPOL values. In master mode, a change of this bit will abort a
transmission in progress and force the SPI system into idle state.
0 Active-high clocks selected. In idle state SCK is low.
1 Active-low clocks selected. In idle state SCK is high.
2
CPHA
SPI Clock Phase Bit — This bit is used to select the SPI clock format. In master mode, a change of this bit will
abort a transmission in progress and force the SPI system into idle state.
0 Sampling of data occurs at odd edges (1,3,5,...,15) of the SCK clock.
1 Sampling of data occurs at even edges (2,4,6,...,16) of the SCK clock.
1
SSOE
Slave Select Output Enable — The SS output feature is enabled only in master mode, if MODFEN is set, by
asserting the SSOE as shown in Table 12-2. In master mode, a change of this bit will abort a transmission in
progress and force the SPI system into idle state.
0
LSBFE
LSB-First Enable — This bit does not affect the position of the MSB and LSB in the data register. Reads and
writes of the data register always have the MSB in bit 7. In master mode, a change of this bit will abort a
transmission in progress and force the SPI system into idle state.
0 Data is transferred most significant bit first.
1 Data is transferred least significant bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com