Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 522 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 522 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 518Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 519Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 520Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 525Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 526Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
522
Freescale Semiconductor
12.3.2.3
SPI Baud Rate Register (SPIBR)
Read: Anytime
Write: Anytime; writes to the reserved bits have no effect
The baud rate divisor equation is as follows:
BaudRateDivisor = (SPPR + 1)
• 2(SPR + 1)
Eqn. 12-1
The baud rate can be calculated with the following equation:
Baud Rate = BusClock / BaudRateDivisor
Eqn. 12-2
NOTE
For maximum allowed baud rates, please refer to the SPI Electrical
Specification in the Electricals chapter of this data sheet.
Table 12-4. Bidirectional Pin Configurations
Pin Mode
SPC0
BIDIROE
MISO
MOSI
Master Mode of Operation
Normal
0
X
Master In
Master Out
Bidirectional
1
0
MISO not used by SPI
Master In
1
Master I/O
Slave Mode of Operation
Normal
0
X
Slave Out
Slave In
Bidirectional
1
0
Slave In
MOSI not used by SPI
1
Slave I/O
76543210
R0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
W
Reset
00000000
= Unimplemented or Reserved
Figure 12-5. SPI Baud Rate Register (SPIBR)
Table 12-5. SPIBR Field Descriptions
Field
Description
6–4
SPPR[2:0]
SPI Baud Rate Preselection Bits — These bits specify the SPI baud rates as shown in Table 12-6. In master
mode, a change of these bits will abort a transmission in progress and force the SPI system into idle state.
2–0
SPR[2:0]
SPI Baud Rate Selection Bits — These bits specify the SPI baud rates as shown in Table 12-6. In master mode,
a change of these bits will abort a transmission in progress and force the SPI system into idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com