Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 525 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 525 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 525Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 526Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 527Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 528Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 529Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
525
12.3.2.4
SPI Status Register (SPISR)
Read: Anytime
Write: Has no effect
76543210
R
SPIF
0
SPTEF
MODF
0000
W
Reset
00100000
= Unimplemented or Reserved
Figure 12-6. SPI Status Register (SPISR)
Table 12-7. SPISR Field Descriptions
Field
Description
7
SPIF
SPIF Interrupt Flag — This bit is set after a received data byte has been transferred into the SPI data register.
This bit is cleared by reading the SPISR register (with SPIF set) followed by a read access to the SPI data
register.
0 Transfer not yet complete.
1 New data copied to SPIDR.
5
SPTEF
SPI Transmit Empty Interrupt Flag — If set, this bit indicates that the transmit data register is empty. To clear
this bit and place data into the transmit data register, SPISR must be read with SPTEF = 1, followed by a write
to SPIDR. Any write to the SPI data register without reading SPTEF = 1, is effectively ignored.
0 SPI data register not empty.
1 SPI data register empty.
4
MODF
Mode Fault Flag — This bit is set if the SS input becomes low while the SPI is configured as a master and mode
fault detection is enabled, MODFEN bit of SPICR2 register is set. Refer to MODFEN bit description in
Section 12.3.2.2, “SPI Control Register 2 (SPICR2)”. The flag is cleared automatically by a read of the SPI status
register (with MODF set) followed by a write to the SPI control register 1.
0 Mode fault has not occurred.
1 Mode fault has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com