Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 521 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 521 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 518Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 519Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 520Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 525Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
521
12.3.2.2
SPI Control Register 2 (SPICR2)
Read: Anytime
Write: Anytime; writes to the reserved bits have no effect
Table 12-2. SS Input / Output Selection
MODFEN
SSOE
Master Mode
Slave Mode
00
SS not used by SPI
SS input
01
SS not used by SPI
SS input
10
SS input with MODF feature
SS input
11
SS is slave select output
SS input
76543210
R
000
MODFEN
BIDIROE
0
SPISWAI
SPC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 12-4. SPI Control Register 2 (SPICR2)
Table 12-3. SPICR2 Field Descriptions
Field
Description
4
MODFEN
Mode Fault Enable Bit — This bit allows the MODF failure to be detected. If the SPI is in master mode and
MODFEN is cleared, then the SS port pin is not used by the SPI. In slave mode, the SS is available only as an
input regardless of the value of MODFEN. For an overview on the impact of the MODFEN bit on the SS port pin
configuration, refer to Table 12-4. In master mode, a change of this bit will abort a transmission in progress and
force the SPI system into idle state.
0 SS port pin is not used by the SPI.
1 SS port pin with MODF feature.
3
BIDIROE
Output Enable in the Bidirectional Mode of Operation — This bit controls the MOSI and MISO output buffer
of the SPI, when in bidirectional mode of operation (SPC0 is set). In master mode, this bit controls the output
buffer of the MOSI port, in slave mode it controls the output buffer of the MISO port. In master mode, with SPC0
set, a change of this bit will abort a transmission in progress and force the SPI into idle state.
0 Output buffer disabled.
1 Output buffer enabled.
1
SPISWAI
SPI Stop in Wait Mode Bit — This bit is used for power conservation while in wait mode.
0 SPI clock operates normally in wait mode.
1 Stop SPI clock generation when in wait mode.
0
SPC0
Serial Pin Control Bit 0 — This bit enables bidirectional pin configurations as shown in Table 12-4. In master
mode, a change of this bit will abort a transmission in progress and force the SPI system into idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com