Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 860 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 860 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 856Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 857Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 858Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 859Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 860Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 861Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 862Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 863Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 864Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
860
Freescale Semiconductor
22.3.2.45 Port P Interrupt Flag Register (PIFP)
Read: Anytime.
Write: Anytime.
Each flag is set by an active edge on the associated input pin. This could be a rising or a falling edge based
on the state of the PPSP register. To clear this flag, write logic level “1” to the corresponding bit in the
PIFP register. Writing a “0” has no effect.
76543210
R
PIFP7
PIFP6
PIFP5
PIFP4
PIFP3
PIFP2
PIFP1
PIFP0
W
Reset
00000000
Figure 22-47. Port P Interrupt Flag Register (PIFP)
Table 22-44. PIFP Field Descriptions
Field
Description
7–0
PIFP[7:0]
Interrupt Flags Port P
0 No active edge pending. Writing a “0” has no effect.
1 Active edge on the associated bit has occurred (an interrupt will occur if the associated enable bit is set).
Writing a logic level “1” clears the associated flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com