Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 864 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 864 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 860Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 861Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 862Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 863Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 864Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 865Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 866Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 867Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 868Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
864
Freescale Semiconductor
22.3.2.49 Port H Reduced Drive Register (RDRH)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each Port H output pin as either full or reduced. If the port is
used as input this bit is ignored.
22.3.2.50 Port H Pull Device Enable Register (PERH)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input.
This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
76543210
R
RDRH7
RDRH6
RDRH5
RDRH4
RDRH3
RDRH2
RDRH1
RDRH0
W
Reset
00000000
Figure 22-51. Port H Reduced Drive Register (RDRH)
Table 22-46. RDRH Field Descriptions
Field
Description
7–0
RDRH[7:0]
Reduced Drive Port H
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERH7
PERH6
PERH5
PERH4
PERH3
PERH2
PERH1
PERH0
W
Reset
00000000
Figure 22-52. Port H Pull Device Enable Register (PERH)
Table 22-47. PERH Field Descriptions
Field
Description
7–0
PERH[7:0]
Pull Device Enable Port H
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com