Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 865 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 865 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 861Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 862Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 863Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 864Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 865Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 866Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 867Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 868Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 869Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
865
22.3.2.51 Port H Polarity Select Register (PPSH)
Read: Anytime.
Write: Anytime.
This register serves a dual purpose by selecting the polarity of the active interrupt edge as well as selecting
a pull-up or pull-down device if enabled.
22.3.2.52 Port H Interrupt Enable Register (PIEH)
Read: Anytime.
Write: Anytime.
This register disables or enables on a per-pin basis the edge sensitive external interrupt associated with
Port H.
76543210
R
PPSH7
PPSH6
PPSH5
PPSH4
PPSH3
PPSH2
PPSH1
PPSH0
W
Reset
00000000
Figure 22-53. Port H Polarity Select Register (PPSH)
Table 22-48. PPSH Field Descriptions
Field
Description
7–0
PPSH[7:0]
Polarity Select Port H
0 Falling edge on the associated port H pin sets the associated flag bit in the PIFH register.
A pull-up device is connected to the associated port H pin, if enabled by the associated bit in register PERH
and if the port is used as input.
1 Rising edge on the associated port H pin sets the associated flag bit in the PIFH register.
A pull-down device is connected to the associated port H pin, if enabled by the associated bit in register PERH
and if the port is used as input.
76543210
R
PIEH7
PIEH6
PIEH5
PIEH4
PIEH3
PIEH2
PIEH1
PIEH0
W
Reset
00000000
Figure 22-54. Port H Interrupt Enable Register (PIEH)
Table 22-49. PIEH Field Descriptions
Field
Description
7–0
PIEH[7:0]
Interrupt Enable Port H
0 Interrupt is disabled (interrupt flag masked).
1 Interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com