Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 861 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 861 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 857Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 858Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 859Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 860Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 861Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 862Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 863Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 864Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 865Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
861
22.3.2.46 Port H Data Register (PTH)
Read: Anytime.
Write: Anytime.
Port H pins 7–0 are associated with the SCI4 and SCI5 as well as the routed SPI1 and SPI2 modules.
These pins can be used as general purpose I/O when not used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
The routed SPI2 function takes precedence over the SCI4 and SCI5 and the general purpose I/O function
if the routed SPI2 module is enabled. Refer to SPI section for details.
The routed SPI1 function takes precedence over the general purpose I/O function if the routed SPI1 is
enabled. Refer to SPI section for details.
The SCI4 and SCI5 function takes precedence over the general purpose I/O function if the SCI4 or SCI5
is enabled. Refer to SCI section for details.
76543210
R
PTH7
PTH6
PTH5
PTH4
PTH3
PTH2
PTH1
PTH0
W
Routed
SPI
SS2
SCK2
MOSI2
MISO2
SS1
SCK1
MOSI1
MISO1
Reset
00000000
Figure 22-48. Port H Data Register (PTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com