Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 984 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 984 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 980Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 981Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 982Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 983Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 984Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 985Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 986Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 987Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 988Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 984 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
984
Freescale Semiconductor
0x0244
Port T Pull Device Enable Register (PERT)
Read / Write
0x0245
Port T Polarity Select Register (PPST)
Read / Write
0x0246
PIM Reserved
—
0x0247
PIM Reserved
—
0x0248
Port S Data Register (PTS)
Read / Write
0x0249
Port S Input Register (PTIS)
Read
0x024A
Port S Data Direction Register (DDRS)
Read / Write
0x024B
Port S Reduced Drive Register (RDRS)
Read / Write
0x024C
Port S Pull Device Enable Register (PERS)
Read / Write
0x024D
Port S Polarity Select Register (PPSS)
Read / Write
0x024E
Port S Wired-OR Mode Register (WOMS)
Read / Write
0x024F
PIM Reserved
—
0x0250
Port M Data Register (PTM)
Read / Write
0x0251
Port M Input Register (PTIM)
Read
0x0252
Port M Data Direction Register (DDRM)
Read / Write
0x0253
Port M Reduced Drive Register (RDRM)
Read / Write
0x0254
Port M Pull Device Enable Register (PERM)
Read / Write
0x0255
Port M Polarity Select Register (PPSM)
Read / Write
0x0256
Port M Wired-OR Mode Register (WOMM)
Read / Write
0x0257
Module Routing Register (MODRR)
Read / Write
0x0258
Port P Data Register (PTP)
Read / Write
0x0259
Port P Input Register (PTIP)
Read
0x025A
Port P Data Direction Register (DDRP)
Read / Write
0x025B
Port P Reduced Drive Register (RDRP)
Read / Write
0x025C
Port P Pull Device Enable Register (PERP)
Read / Write
0x025D
Port P Polarity Select Register (PPSP)
Read / Write
0x025E
Port P Interrupt Enable Register (PIEP)
Read / Write
0x025F
Port P Interrupt Flag Register (PIFP)
Read / Write
0x0260
Port H Data Register (PTH)
Read / Write
0x0261
Port H Input Register (PTIH)
Read
0x0262
Port H Data Direction Register (DDRH)
Read / Write
0x0263
Port H Reduced Drive Register (RDRH)
Read / Write
0x0264
Port H Pull Device Enable Register (PERH)
Read / Write
0x0265
Port H Polarity Select Register (PPSH)
Read / Write
0x0266
Port H Interrupt Enable Register (PIEH)
Read / Write
Table 24-2. PIM Memory Map (Sheet 2 of 3)
Address
Use
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com