Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 985 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 985 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 981Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 982Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 983Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 984Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 985Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 986Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 987Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 988Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 989Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1350 page
background image
24.0.5
Register Descriptions
Table 24-3 summarizes the effect on the various configuration bits, data direction (DDR), output
level (IO), reduced drive (RDR), pull enable (PE), pull select (PS), and interrupt enable (IE) for the
ports.
The configuration bit PS is used for two purposes:
1. Configure the sensitive interrupt edge (rising or falling), if interrupt is enabled.
2. Select either a pull-up or pull-down device if PE is active.
0x0267
Port H Interrupt Flag Register (PIFH)
Read / Write
0x0268
Port J Data Register (PTJ)
Read / Write1
0x0269
Port J Input Register (PTIJ)
Read
0x026A
Port J Data Direction Register (DDRJ)
Read / Write1
0x026B
Port J Reduced Drive Register (RDRJ)
Read / Write1
0x026C
Port J Pull Device Enable Register (PERJ)
Read / Write1
0x026D
Port J Polarity Select Register (PPSJ)
Read / Write1
0x026E
Port J Interrupt Enable Register (PIEJ)
Read / Write1
0x026F
Port J Interrupt Flag Register (PIFJ)
Read / Write1
0x0270
:
0x0277
PIM Reserved
—
0x0278
Port AD1 Data Register 0 (PT0AD1)
Read / Write
0x0279
Port AD1 Data Register 1 (PT1AD1)
Read / Write
0x027A
Port AD1 Data Direction Register 0 (DDR0AD1)
Read / Write
0x027B
Port AD1 Data Direction Register 1 (DDR1AD1)
Read / Write
0x027C
Port AD1 Reduced Drive Register 0 (RDR0AD1)
Read / Write
0x027D
Port AD1 Reduced Drive Register 1 (RDR1AD1)
Read / Write
0x027E
Port AD1 Pull Up Enable Register 0 (PER0AD1)
Read / Write
0x027F
Port AD1 Pull Up Enable Register 1 (PER1AD1)
Read / Write
1. Write access not applicable for one or more register bits. Refer to Section 24.0.5, “Regis-
ter Descriptions”.
Table 24-2. PIM Memory Map (Sheet 3 of 3)
Address
Use
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com