Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 986 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 986 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 982Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 983Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 984Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 985Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 986Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 987Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 988Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 989Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 990Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
986
Freescale Semiconductor
NOTE
All register bits in this module are completely synchronous to internal
clocks during a register read.
Table 24-3. Pin Configuration Summary
DDR
IO
RDR
PE
PS1
1. Always “0” on Port A, B, C, D, E, K, AD0, and AD1.
IE2
2. Applicable only on Port P, H, and J.
Function
Pull Device
Interrupt
0
x
x
0
x
0
Input
Disabled
Disabled
0
x
x
1
0
0
Input
Pull Up
Disabled
0
x
x
1
1
0
Input
Pull Down
Disabled
0
x
x
0
0
1
Input
Disabled
Falling edge
0
x
x
0
1
1
Input
Disabled
Rising edge
0
x
x
1
0
1
Input
Pull Up
Falling edge
0
x
x
1
1
1
Input
Pull Down
Rising edge
1
0
0
x
x
0
Output, full drive to 0
Disabled
Disabled
1
1
0
x
x
0
Output, full drive to 1
Disabled
Disabled
1
0
1
x
x
0
Output, reduced drive to 0
Disabled
Disabled
1
1
1
x
x
0
Output, reduced drive to 1
Disabled
Disabled
1
0
0
x
0
1
Output, full drive to 0
Disabled
Falling edge
1
1
0
x
1
1
Output, full drive to 1
Disabled
Rising edge
1
0
1
x
0
1
Output, reduced drive to 0
Disabled
Falling edge
1
1
1
x
1
1
Output, reduced drive to 1
Disabled
Rising edge
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
PORTA
R
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
W
PORTB
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
DDRA
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
W
DDRB
R
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
W
= Unimplemented or Reserved
Figure 24-2. PIM Register Summary (Sheet 1 of 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com