Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1009 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1009 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1009Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1012Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1013Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1350 page
background image
The DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral
module is disabled.
24.0.5.29 Port M Reduced Drive Register (RDRM)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each Port M output pin as either full or reduced. If the
port is used as input this bit is ignored.
24.0.5.30 Port M Pull Device Enable Register (PERM)
Read: Anytime.
Write: Anytime.
Table 24-29. DDRM Field Descriptions
Field
Description
7–0
DDRM[7:0]
Data Direction Port M
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTM or PTIM registers, when changing the DDRM register.
76543210
R
RDRM7
RDRM6
RDRM5
RDRM4
RDRM3
RDRM2
RDRM1
RDRM0
W
Reset
00000000
Figure 24-31. Port M Reduced Drive Register (RDRM)
Table 24-30. RDRM Field Descriptions
Field
Description
7–0
RDRM[7:0]
Reduced Drive Port M
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERM7
PERM6
PERM5
PERM4
PERM3
PERM2
PERM1
PERM0
W
Reset
00000000
Figure 24-32. Port M Pull Device Enable Register (PERM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com