Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1012 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1012 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1009Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1012Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1013Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1014Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1015Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1016Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1012 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1012
Freescale Semiconductor
24.0.5.34 Port P Data Register (PTP)
Read: Anytime.
Write: Anytime.
Port P pins 7–0 are associated with the PWM as well as the SPI1. These pins can be used as general
purpose I/O when not used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
The PWM function takes precedence over the general purpose I/O and the SPI1 function if the associated
PWM channel is enabled. While channels 6-0 are output only if the respective channel is enabled, channel
7 can be PWM output or input if the shutdown feature is enabled. Refer to PWM section for details.
The SPI1 function takes precedence over the general purpose I/O function if enabled. Refer to SPI section
for details.
24.0.5.35 Port P Input Register (PTIP)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This can also be used to detect
overload or short circuit conditions on output pins.
76543210
R
PTP7
PTP6
PTP5
PTP4
PTP3
PTP2
PTP1
PTP0
W
PWM
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
SPI
SS1
SCK1
MOSI1
MISO1
Reset
00000000
Figure 24-36. Port P Data Register (PTP)
76543210
R
PTIP7
PTIP6
PTIP5
PTIP4
PTIP3
PTIP2
PTIP1
PTIP0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
————————
= Unimplemented or Reserved
Figure 24-37. Port P Input Register (PTIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com