Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1014 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1014 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1012Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1013Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1014Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1015Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1016Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1017Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1018Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1014
Freescale Semiconductor
24.0.5.38 Port P Pull Device Enable Register (PERP)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input.
This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
24.0.5.39 Port P Polarity Select Register (PPSP)
Read: Anytime.
Write: Anytime.
This register serves a dual purpose by selecting the polarity of the active interrupt edge as well as selecting
a pull-up or pull-down device if enabled.
Table 24-36. RDRP Field Descriptions
Field
Description
7–0
RDRP[7:0]
Reduced Drive Port P
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERP7
PERP6
PERP5
PERP4
PERP3
PERP2
PERP1
PERP0
W
Reset
00000000
Figure 24-40. Port P Pull Device Enable Register (PERP)
Table 24-37. PERP Field Descriptions
Field
Description
7–0
PERP[7:0]
Pull Device Enable Port P
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPSP7
PPSP6
PPSP5
PPSP4
PPSP3
PPSP2
PPSP1
PPSP0
W
Reset
00000000
Figure 24-41. Port P Polarity Select Register (PPSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com