Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1017 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1017 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1013Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1014Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1015Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1016Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1017Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1018Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1019Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1020Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1021Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1350 page
background image
This register always reads back the buffered state of the associated pins. This can also be used to
detect overload or short circuit conditions on output pins.
24.0.5.44 Port H Data Direction Register (DDRH)
Read: Anytime.
Write: Anytime.
This register configures each port H pin as either input or output.
If the associated routed SPI module is enabled this register has no effect on the pins.
If a SPI module is enabled, the SPI determines the pin direction. Refer to SPI section for details.
The DDRH bits revert to controlling the I/O direction of a pin when the associated peripheral
modules are disabled.
24.0.5.45 Port H Reduced Drive Register (RDRH)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each Port H output pin as either full or reduced. If the
port is used as input this bit is ignored.
76543210
R
DDRH7
DDRH6
DDRH5
DDRH4
DDRH3
DDRH2
DDRH1
DDRH0
W
Reset
00000000
Figure 24-46. Port H Data Direction Register (DDRH)
Table 24-41. DDRH Field Descriptions
Field
Description
7–0
DDRH[7:0]
Data Direction Port H
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTH or PTIH registers, when changing the DDRH register.
76543210
R
RDRH7
RDRH6
RDRH5
RDRH4
RDRH3
RDRH2
RDRH1
RDRH0
W
Reset
00000000
Figure 24-47. Port H Reduced Drive Register (RDRH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com