Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1021 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1021 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1017Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1018Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1019Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1020Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1021Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1022Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1023Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1024Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1025Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1350 page
background image
24.0.5.51 Port J Input Register (PTIJ)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This can be used to detect
overload or short circuit conditions on output pins.
24.0.5.52 Port J Data Direction Register (DDRJ)
Read: Anytime.
Write: Anytime.
This register configures each port J pin (except PJ5-2) as either input or output.
The CAN forces the I/O state to be an output on PJ7 (TXCAN4) and an input on pin PJ6
(RXCAN4). The IIC takes control of the I/O if enabled. In these cases the data direction bits will
not change.
The DDRJ bits revert to controlling the I/O direction of a pin when the associated peripheral
module is disabled.
76543210
R
PTIJ7
PTIJ6
0
0
0
0
PTIJ1
PTIJ0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
00000000
= Unimplemented or Reserved
Figure 24-53. Port J Input Register (PTIJ)
76543210
R
DDRJ7
DDRJ6
0000
DDRJ1
DDRJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 24-54. Port J Data Direction Register (DDRJ)
Table 24-48. DDRJ Field Descriptions
Field
Description
7–0
DDRJ[7:6]
DDRJ[1:0]
Data Direction Port J
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTJ or PTIJ registers, when changing the DDRJ register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com