Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1020 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1020 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1016Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1017Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1018Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1019Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1020Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1021Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1022Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1023Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1024Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1020
Freescale Semiconductor
24.0.5.50 Port J Data Register (PTJ)
Read: Anytime.
Write: Anytime.
Port J pins 7–6 are associated with the CAN4, IIC0, the routed CAN0 modules. These pins can be used as
general purpose I/O when not used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read except for bits 5-2 which read “0”.
Table 24-46. PIFH Field Descriptions
Field
Description
7–0
PIFH[7:0]
Interrupt Flags Port H
0 No active edge pending. Writing a “0” has no effect.
1 Active edge on the associated bit has occurred (an interrupt will occur if the associated enable bit is set).
Writing a logic level “1” clears the associated flag.
76543210
R
PTJ7
PTJ6
0000
PTJ1
PTJ0
W
CAN4
TXCAN4
RXCAN4
IIC0
SCL0
SDA0
Routed
CAN0
TXCAN0
RXCAN0
Reset
00000000
= Unimplemented or Reserved
Figure 24-52. Port J Data Register (PTJ)
Table 24-47. PTJ Field Descriptions
Field
Description
7–6
PJ[7:6]
The CAN4 function (TXCAN4 and RXCAN4) takes precedence over the IIC0, the routed CAN0 and the general
purpose I/O function if the CAN4 module is enabled.
The IIC0 function (SCL0 and SDA0) takes precedence over the routed CAN0 and the general purpose I/O
function if the IIC0 is enabled. If the IIC0 module takes precedence the SDA0 and SCL0 outputs are configured
as open drain outputs. Refer to IIC section for details.
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the general purpose I/O function if
the routed CAN0 module is enabled. Refer to MSCAN section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com