Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1019 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1019 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1015Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1016Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1017Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1018Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1019Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1020Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1021Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1022Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1023Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1350 page
background image
24.0.5.48 Port H Interrupt Enable Register (PIEH)
Read: Anytime.
Write: Anytime.
This register disables or enables on a per-pin basis the edge sensitive external interrupt associated
with Port H.
24.0.5.49 Port H Interrupt Flag Register (PIFH)
Read: Anytime.
Write: Anytime.
Each flag is set by an active edge on the associated input pin. This could be a rising or a falling
edge based on the state of the PPSH register. To clear this flag, write logic level “1” to the
corresponding bit in the PIFH register. Writing a “0” has no effect.
Table 24-44. PPSH Field Descriptions
Field
Description
7–0
PPSH[7:0]
Polarity Select Port H
0 Falling edge on the associated port H pin sets the associated flag bit in the PIFH register.
A pull-up device is connected to the associated port H pin, if enabled by the associated bit in register PERH
and if the port is used as input.
1 Rising edge on the associated port H pin sets the associated flag bit in the PIFH register.
A pull-down device is connected to the associated port H pin, if enabled by the associated bit in register PERH
and if the port is used as input.
76543210
R
PIEH7
PIEH6
PIEH5
PIEH4
PIEH3
PIEH2
PIEH1
PIEH0
W
Reset
00000000
Figure 24-50. Port H Interrupt Enable Register (PIEH)
Table 24-45. PIEH Field Descriptions
Field
Description
7–0
PIEH[7:0]
Interrupt Enable Port H
0 Interrupt is disabled (interrupt flag masked).
1 Interrupt is enabled.
76543210
R
PIFH7
PIFH6
PIFH5
PIFH4
PIFH3
PIFH2
PIFH1
PIFH0
W
Reset
00000000
Figure 24-51. Port H Interrupt Flag Register (PIFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com