Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1011 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1011 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1009Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1010Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1011Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1012Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1013Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1014Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1015Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1350 page
background image
This register configures the output pins as wired-OR. If enabled the output is driven active low only
(open-drain). A logic level of “1” is not driven. It applies also to the CAN outputs and allows a
multipoint connection of several serial modules. This bit has no influence on pins used as inputs.
24.0.5.33 Module Routing Register (MODRR)
Read: Anytime.
Write: Anytime.
This register configures the re-routing of CAN0, CAN4, SPI0, SPI1 on alternative ports.
Table 24-33. WOMM Field Descriptions
Field
Description
7–0
WOMM[7:0]
Wired-OR Mode Port M
0 Output buffers operate as push-pull outputs.
1 Output buffers operate as open-drain outputs.
76543210
R0
MODRR61
1. Register implemented, function disabled: Written values can be read back.
MODRR5
MODRR4
MODRR3
MODRR2
MODRR1
MODRR0
W
Reset
00000000
= Unimplemented or Reserved
Figure 24-35. Module Routing Register (MODRR)
Table 24-34. Module Routing Summary
Module
MODRR
Related Pins
6
5
4
3
2
1
0
RXCAN
TXCAN
CAN0
x
xxxx
0
0
PM0
PM1
x
xxxx
0
1
PM2
PM3
x
xxxx
1
0
PM4
PM5
x
xxxx
1
1
PJ6
PJ7
CAN4
x
x
x
0
0
x
x
PJ6
PJ7
x
x
x
0
1
x
x
PM4
PM5
x
x
x
1
0
x
x
PM6
PM7
x
x
x
1
1
x
x
Reserved
MISO
MOSI
SCK
SS
SPI0
x
x
0
xxxx
PS4
PS5
PS6
PS7
x
x
1
xxxx
PM2
PM4
PM5
PM3
SPI1
x
0
xxxxx
PP0
PP1
PP2
PP3
x
1
xxxxx
PH0
PH1
PH2
PH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com