Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1155 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1155 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1151Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1152Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1153Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1154Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1155Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1156Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1157Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1158Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1155 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1155
All bits in the FSEC register are readable but are not writable.
The FSEC register is loaded from the Flash Configuration Field at address 0x7F_FF0F during the reset
sequence, indicated by F in Figure 28-5.
The security function in the Flash module is described in Section 28.6, “Flash Module Security”.
28.3.2.3
Flash Test Mode Register (FTSTMOD)
The FTSTMOD register is used to control Flash test features.
76543210
R
KEYEN
RNV5
RNV4
RNV3
RNV2
SEC
W
Reset
F
F
F
FFFFF
= Unimplemented or Reserved
Figure 28-5. Flash Security Register (FSEC)
Table 28-3. FSEC Field Descriptions
Field
Description
7:6
KEYEN[1:0]
Backdoor Key Security Enable Bits — The KEYEN[1:0] bits define the enabling of backdoor key access to the
Flash module as shown in Table 28-4.
5:2
RNV[5:2]
Reserved Nonvolatile Bits — The RNV[5:2] bits should remain in the erased state for future enhancements.
1:0
SEC[1:0]
Flash Security Bits — The SEC[1:0] bits define the security state of the MCU as shown in Table 28-5. If the
Flash module is unsecured using backdoor key access, the SEC[1:0] bits are forced to 1:0.
Table 28-4. Flash KEYEN States
KEYEN[1:0]
Status of Backdoor Key Access
00
DISABLED
011
1 Preferred KEYEN state to disable Backdoor Key Access.
DISABLED
10
ENABLED
11
DISABLED
Table 28-5. Flash Security States
SEC[1:0]
Status of Security
00
SECURED
011
1 Preferred SEC state to set MCU to secured state.
SECURED
10
UNSECURED
11
SECURED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com