Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1157 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1157 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1153Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1154Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1155Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1156Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1157Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1158Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1159Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1160Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1157 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1157
CBEIE, CCIE and KEYACC bits are readable and writable while all remaining bits read 0 and are not
writable in normal mode. KEYACC is only writable if KEYEN (see Section 28.3.2.2, “Flash Security
Register (FSEC)” is set to the enabled state. BKSEL is readable and writable in special mode to simplify
mass erase and erase verify operations. When writing to the FCNFG register in special mode, all
unimplemented/ reserved bits must be written to 0.
28.3.2.5
Flash Protection Register (FPROT)
The FPROT register defines which Flash sectors are protected against program or erase operations.
76543210
R
CBEIE
CCIE
KEYACC
00000
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-8. Flash Configuration Register (FCNFG — Normal Mode)
76543210
R
CBEIE
CCIE
KEYACC
0000
BKSEL
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-9. Flash Configuration Register (FCNFG — Special Mode)
Table 28-8. FCNFG Field Descriptions
Field
Description
7
CBEIE
Command Buffer Empty Interrupt Enable — The CBEIE bit enables an interrupt in case of an empty command
buffer in the Flash module.
0 Command buffer empty interrupt disabled.
1 An interrupt will be requested whenever the CBEIF flag (see Section 28.3.2.6, “Flash Status Register
(FSTAT)”) is set.
6
CCIE
Command Complete Interrupt Enable — The CCIE bit enables an interrupt in case all commands have been
completed in the Flash module.
0 Command complete interrupt disabled.
1 An interrupt will be requested whenever the CCIF flag (see Section 28.3.2.6, “Flash Status Register (FSTAT)”)
is set.
5
KEYACC
Enable Security Key Writing
0 Flash writes are interpreted as the start of a command write sequence.
1 Writes to Flash array are interpreted as keys to open the backdoor. Reads of the Flash array return invalid
data.
0
BKSEL
Block Select — The BKSEL bit indicates which register bank is active.
0 Select register bank associated with Flash block 0.
1 Select register bank associated with Flash block 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com