Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1159 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1159 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1155Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1156Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1157Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1158Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1159Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1160Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1161Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1162Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1159 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1159
All possible Flash protection scenarios are shown in Figure 28-11. Although the protection scheme is
loaded from the Flash array at global address 0x7F_FF0D during the reset sequence, it can be changed by
the user. This protection scheme can be used by applications requiring re-programming in single chip
mode while providing as much protection as possible if re-programming is not required.
Table 28-10. Flash Protection Function
FPOPEN
FPHDIS
FPLDIS
Function1
1 For range sizes, refer to Table 28-11 and Table 28-12.
1
1
1
No Protection
1
1
0
Protected Low Range
1
0
1
Protected High Range
1
0
0
Protected High and Low Ranges
0
1
1
Full Flash memory Protected
0
1
0
Unprotected Low Range
0
0
1
Unprotected High Range
0
0
0
Unprotected High and Low Ranges
Table 28-11. Flash Protection Higher Address Range
FPHS[1:0]
Global
Address Range
Protected Size
00
0x7F_F800–0x7F_FFFF
2 Kbytes
01
0x7F_F000–0x7F_FFFF
4 Kbytes
10
0x7F_E000–0x7F_FFFF
8 Kbytes
11
0x7F_C000–0x7F_FFFF
16 Kbytes
Table 28-12. Flash Protection Lower Address Range
FPLS[1:0]
Global
Address Range
Protected Size
00
0x7F_8000–0x7F_83FF
1 Kbytes
01
0x7F_8000–0x7F_87FF
2 Kbytes
10
0x7F_8000–0x7F_8FFF
4 Kbytes
11
0x7F_8000–0x7F_9FFF
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com