Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S10PHR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S10PHR
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10PHR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S10PHR Datasheet HTML 11Page - STMicroelectronics ST1S10PHR Datasheet HTML 12Page - STMicroelectronics ST1S10PHR Datasheet HTML 13Page - STMicroelectronics ST1S10PHR Datasheet HTML 14Page - STMicroelectronics ST1S10PHR Datasheet HTML 15Page - STMicroelectronics ST1S10PHR Datasheet HTML 16Page - STMicroelectronics ST1S10PHR Datasheet HTML 17Page - STMicroelectronics ST1S10PHR Datasheet HTML 18Page - STMicroelectronics ST1S10PHR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ST1S10
Layout considerations
15/26
6.1
Thermal considerations
The leadframe die pad, of ST1S10, is exposed at the bottom of the package and must be
soldered directly to a properly designed thermal pad on the PCB, the addition of thermal
vias from the thermal pad to an internal ground plane will help increase power dissipation.
Figure 7.
PCB layout suggestion
Common ground node
for power ground
I
IN
Power Ground
Common ground node
for power ground
Common ground node
for power ground
I
IN
Power Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com