Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S10PHR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S10PHR
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10PHR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S10PHR Datasheet HTML 14Page - STMicroelectronics ST1S10PHR Datasheet HTML 15Page - STMicroelectronics ST1S10PHR Datasheet HTML 16Page - STMicroelectronics ST1S10PHR Datasheet HTML 17Page - STMicroelectronics ST1S10PHR Datasheet HTML 18Page - STMicroelectronics ST1S10PHR Datasheet HTML 19Page - STMicroelectronics ST1S10PHR Datasheet HTML 20Page - STMicroelectronics ST1S10PHR Datasheet HTML 21Page - STMicroelectronics ST1S10PHR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Typical performance characteristics
ST1S10
18/26
Figure 15.
ON mode quiescent current vs.
temperature
Figure 16.
Shutdown mode quiescent current
vs. temperature
Figure 17.
PMOS ON resistance vs.
temperature
Figure 18.
NMOS ON resistance vs.
temperature
Figure 19.
Efficiency vs. temperature
Figure 20.
Efficiency vs. output current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=12V, VINH=1.2V, VOUT=0.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=12V, VINH=1.2V, VOUT=0.8V
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=12V, VINH=GND, VOUT=0.8V
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=12V, VINH=GND, VOUT=0.8V
20
70
120
170
220
270
320
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN=12V, ISW=750mA
20
70
120
170
220
270
320
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN=12V, ISW=750mA
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN=12V, ISW=750mA
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN=12V, ISW=750mA
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=VINH=12V, VOUT=5V, IOUT=3A
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
IN-A=VIN-SW=VINH=12V, VOUT=5V, IOUT=3A
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=12V, VOUT=5V, TJ=25°C
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=12V, VOUT=5V, TJ=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com