Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M18SP6LPQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M18SP6LPQ
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SP6LPQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M18SP6LPQ Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EZ-BEAM M18 Series Sensors
page
2
Banner Engineering Corp. • Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
M18SP6LP
M18SP6LPQ
2 m (6.5')
4-Pin Euro-style QD
Models
Range
Cable
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
M18SN6LP
M18SN6LPQ
2 m
(79")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
M18SP6L
M18SP6LQ
Polarized (Visible red, 680 nm)
PNP
2 m (6.5')
4-Pin Euro-style QD
1
10
100
.1 m
.33 ft
1 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
M18 Series
Polarized Retro
with BRT-3 Reflector
2.5 m
8.0 ft
2.0 m
6.4 ft
1.5 m
4.8 ft
1.0 m
3.2 ft
.5 m
1.6 ft
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2 in
4 in
6 in
2 in
4 in
6 in
DISTANCE
M18 Series
Polarized Retro
with BRT-3 Reflector
M18SN6L
M18SN6LQ
2 m
(79")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
Non-Polarized (Infrared, 950 nm)
PNP
1
10
100
.1 m
.33 ft
1 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
M18 Series
Non-Polarized Retro
with BRT-3 Reflector
2.5 m
8.0 ft
2.0 m
6.4 ft
1.5 m
4.8 ft
1.0 m
3.2 ft
.5 m
1.6 ft
0
0
40 mm
80 mm
120 mm
40 mm
80 mm
120 mm
0
1.6 in
3.2 in
4.7 in
1.6 in
3.2 in
4.7 in
DISTANCE
M18 Series
Non-Polarized Retro
with BRT-3 Reflector
M18 Series Retroreflective Mode
M18 Series Diffuse Mode
P
Non-Polarized, Polarized
M18SP6DL
M18SP6DLQ
2 m (6.5')
4-Pin Euro-style QD
Models
Range
Cable
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
M18SN6DL
M18SN6DLQ
300 mm
(12")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
M18SP6D
M18SP6DQ
300 mm Range
PNP
2 m (6.5')
4-Pin Euro-style QD
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
M18 Series
Long Range
Diffuse Mode
Maximum Gain
Minimum Gain
400 mm
15 in
320 mm
12 in
240 mm
9 in
160 mm
6 in
80 mm
3 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
DISTANCE
M18 Series
Long Range Diffuse
M18SN6D
M18SN6DQ
100 mm
(4")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
100 mm Range
PNP
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
M18 Series
Short Range
Diffuse Mode
Maximum Gain
Minimum Gain
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
DISTANCE
M18 Series
Short Range Diffuse
Performance based on 90% reflectance white test card
Infrared, 880 nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com