Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M18SP6LPQ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M18SP6LPQ
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SP6LPQ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M18SP6LPQ Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SP6LPQ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EZ-BEAM M18 Series Fixed-Field Sensor Setup Tips
EZ-BEAM M18 Series Sensors
page
4
Banner Engineering Corp. • Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
General
For highest sensitivity, the sensor-to-object distance should be such that the object
will be sensed at or near the point of maximum excess gain (see page 3). The
background must be placed beyond the cutoff distance. Following these two
guidelines makes it possible to detect objects of low reflectivity, even against close-in
reflective backgrounds.
In the drawings and discussion on this page, the letters E, R1, and R2 identify how the
sensor’s three optical elements (Emitter “E”, Near Detector “R1”, and Far Detector
“R2”) line up across the face of the sensor. In Figures 2, 3, and 4, these elements
align vertically; in Figure 5, they align horizontally. Note how the position of the tabs
on the front of the sensor helps to define the sensing axis of the sensor (Figure 1,
right). The sensing axis becomes important in situations like those illustrated in
Figures 4 and 5 below.
Background reflectivity and placement
Avoid mirror-like backgrounds that produce specular reflections. False sensor
response will occur if a background surface reflects the sensor’s light more strongly
to the near detector (R1) than to the far detector (R2). The result is a false ON
condition (Figure 2). Use of a diffusely-reflective (matte) background will cure this
problem. Other possible solutions are to either angle the sensor or angle the
background (in any plane) so that the background does not reflect back to the sensor
(see Figure 3).
An object beyond the cutoff distance, either moving or stationary (and when posi-
tioned as shown in Figure 4), can cause unwanted triggering of the sensor because it
reflects more light to the near detector than to the far detector. Remedy the problem
easily by rotating the sensor 90° (Figure 5) to align the sensing axis horizontally. The
object then reflects the R1 and R2 fields equally, resulting in no false triggering. A
better solution, if possible, may be to reposition the object or the sensor.
Unwanted triggering of the sensor from an object beyond the cutoff can also be
caused by attempting to sense a small object moving perpendicular to the sensor face,
or by an object moving through the off-center position shown in Figure 4. Making the
object larger, centering the sensor relative to the object, or rotating the sensor to place
the sensing axis perpendicular to the longer dimension of the object (Figure 5) will
solve the problem.
Figure 1. Sensing axis
As a general rule, the most reliable sensing of
an object approaching from the side occurs
when the line of approach is parallel to the
sensing axis.
Sensing
Axis
R2
R1
E
E
R2
R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
M18FF Sensor
Core of
Emitted
Beam
Cutoff
Distance
Reflective
Background
Strong
Direct
Reflection
to R1
Fixed Sensing
Field
Figure 2. Reflective background – problem
E
R2
R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
M18FF Sensor
Core of
Emitted
Beam
Cutoff
Distance
Reflective
Background
Strong
Direct
Reflection
Away From
Sensor
Fixed Sensing
Field
Figure 3. Reflective background – solution
E
R2
R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
Area of R1 Response
Area of R2 Response
Area of R1 and R2 Response
Reflective
Background or
Moving Object
M18FF Sensor
Cutoff
Distance
Fixed Sensing
Field
R1 Response
R2 Response
Figure 4. Object beyond cutoff – problem
E, R2, R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
Area of R1 and R2 Response
M18FF Sensor
Reflective
Background
or Moving
Object
Cutoff
Distance
Fixed Sensing
Field
Figure 5. Object beyond cutoff – solution



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com