Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7166 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7166
Description  OC-192 Very Short Reach (VSR) Converter IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7166 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7166 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7166 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GIGABIT PRODUCTS
VSC7166
OC-192 Very Short Reach (VSR) Converter IC
FEA TURES:
10 Gigabits Per Second of Aggregate Data Throughput
SONET Frame Transport Mechanisms
8B/10B Encoder/Decoder
LVDS Input and Output Signaling
CRC-based Bit Error Correction Algorithm
Protection Switching Mechanism Recovers any Lost Channel
User Specified High-speed and Low-speed Input Terminations
1.8V and 2.5V Power Supplies
256 Pin Thermally Enhanced BGA
Inter-channel Deskewing Capability
Robust Loss of Synchronization (LOS) and Loss of Frame
(LOF) State Machines
Conforms to OIF-VSR4-01.0
JTAG Boundary Scan
Two Recovered Clock-based Outputs
Serial Register Interface
BENEFITS:
Allows the Use of Inexpensive, Currently Available Parallel
Optical Modules
Error Detection/Correction for a Robust Link
Error Diagnostics to Improve Links
Patchcord Reversal Protection for Mistake-proof Installation
8B/10B Encoding for DC Balance, Effective Clock Recovery
Selectable Input Terminations for Maximum Data Transfer
Integrity
OC-192
Framer
VSC7166
Parallel Optics
Parallel Optics
Rx
OC-192
Framer
VSC7166
Parallel Optics
Rx
Parallel Optics
Tx
Tx
PB-VSC7166-001
VSC7166: SONET INTERF ACE
GIGABIT PRODUCTS


Similar Part No. - VSC7166

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
VSC7108 VITESSE-VSC7108 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
VSC7108XVP-01 VITESSE-VSC7108XVP-01 Datasheet
466Kb / 2P
VSC7104 - Quad Signal Conditioner, VSC7108 ??Octal Signal Conditioner
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
More results

Similar Description - VSC7166

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
Digital Receiver OC-192/STM-64
September 2001
logo
Filtronic Compound Semi...
FMA500 FILTRONIC-FMA500 Datasheet
323Kb / 4P
OC-192 MODULATOR PRE-DRIVER AMPLIFIER
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
OC-192 MODULATOR DRIVER AMPLIFIER
logo
Zarlink Semiconductor I...
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
SONET/SDH OC-48/OC-192 System Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
JDS Uniphase Corporatio...
WSH-600DC95SA JDSU-WSH-600DC95SA Datasheet
131Kb / 3P
Unidirectional OC-192 Optical Regenerator
logo
Source Photonics, Inc.
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
OC-192/STM-64 SFF Transponder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com