Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7166 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7166
Description  OC-192 Very Short Reach (VSR) Converter IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7166 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7166 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7166 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012
Tel: 805.388.3700
Fax: 805.388.7565
www.vitesse.com
Your Partner for Success.
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
VSC7166
©2002 Vitesse Semiconductor Corporation
OC-192 Very Short Reach (VSR) Converter IC
SPECIFICA TIONS:
Ten 1.244Gb/s Data Channels
Aggregate 10Gb/s Data Throughput
Clock Frequency Tolerance: +/-200 ppm
1.8V and 2.5V Power Supplies
Up to 80ns Inter-channel Deskewing
2.0W Power Dissipation (Typical)
27mm x 27mm, 256-pin Thermally Enhanced Ball Grid Array (TBGA)
VSC7166 BLOCK DIAGRAM
Expanding use of the Internet has caused very high volumes of
data traffic to become concentrated at places such as central
offices (CO’s), points of presence (POP) and portal sites. At
these sites many pieces of equipment such as high-speed
routers, Dense Wavelength Division Multiplexing (DWDM)
equipment and Add/Drop Multiplexors (ADM) are located in
close proximity (co-located) and must be connected by
extremely high throughput data links. At the core of the network
such high volume data traffic is efficiently handled using
Synchronous Optical Network (SONET) links. To date, these
links have been optimized for long haul transmission where the
high cost of traditional lasers has not been a factor. For short
reach links between co-located equipment it is highly desirable
to use much less expensive arrays of Vertical Cavity Surface
Emitting Lasers (VCSEL’s). An integrated circuit is necessary to
form the interface between the traditional SONET network and
VCSEL based optical modules and the VSC7166 fulfills this role.
GENERAL DESCRIPTIONS
The VSC7166 is used to interface between
OC-192
Framers
and
Parallel
Optical
Modules. In the Serializer, 16-bit OC-192 data
from the Framer is mapped and encoded
onto twelve 1.244 Gb/s, 8b/10b outputs, with 1
of the twelve outputs being used for XOR protection and another
of the twelve for EDC. In the Deserializer, the twelve 1.244 Gb/s
inputs are decoded and remapped to SFI-4 OC-192 data for
the Framer.
The redundant channel permits data to be
reconstructed in the deserializer even if a channel fails. The 16-
bit 622 MHz signals and the 12 1.244 Gb/s interfaces both utilize
LVDS signaling. These devices are intended for high-speed
Router-to-Router and DWDM/Sonet Terminal-to-Router
connections.
The VSC7166 is designed to conform to the Optical Inter-
networking Forum’s (OIF) OIF-VSR4-01.0 Implementation
Agreement.
Transmitter
Receiver
DIP/N(15:0)
Framer and
Byte Clock
8B/10B
Enclode
1.24Gb/s
Tranceivers Tx
XOR
EDC
8
8
80
120
12
16
ON/P(11:0)
To Transit
Optics
Byte Mux
CRC Check
Protection
Switching
PRBS Check
Alignment
Buffer
8B/10B
Decode &
LOSyn
1.24Gb/s
Tranceivers Rx
JTAG
Boundary Scan
Processor
Interface Block
16
96
96
120
PF
OP/N(15:0)
IN/P(11:0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com