Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD50MLX65F1S Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD50MLX65F1S
Description  650V/50A in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50MLX65F1S Datasheet(HTML) 5 Page - StarPower Europe AG

  GD50MLX65F1S Datasheet HTML 1Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 2Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 3Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 4Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 5Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 6Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 7Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 8Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GD50MLX65F1S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/18/2018
5/11
preliminary
NTC Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
22.0
k
Ω
∆R/R
Deviation of R100
TC=100
oC,R
100=1486.1
Ω
-5
5
%
P25
Power Dissipation
200
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
4000
K
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
RthJC
Junction-to-Case (per T1-T4 IGBT)
Junction-to-Case (per D1-D4 Diode)
Junction-to-Case (per D5,D6 Diode)
0.691
1.175
0.995
0.760
1.293
1.094
K/W
RthCH
Case-to-Heatsink (per T1-T4 IGBT)
Case-to-Heatsink (per D1-D4 Diode)
Case-to-Heatsink (per D5,D6 Diode)
Case-to-Heatsink (per Module)
0.271
0.461
0.390
0.035
K/W
M
Mounting Torque, Screw M4
2.0
2.2
N.m
G
Weight of Module
26
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com