Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD50MLX65F1S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD50MLX65F1S
Description  650V/50A in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50MLX65F1S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD50MLX65F1S Datasheet HTML 1Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 2Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 3Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 4Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 5Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 6Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 7Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 8Page - StarPower Europe AG GD50MLX65F1S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GD50MLX65F1S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/18/2018
1/11
preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD50MLX65F1S
650V/50A in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
3-level-application.
Features
Low VCE(sat) Trench IGBT technology
6
μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Fast & soft reverse recovery anti-parallel FWD
Isolated heatsink using DBC technology
Typical Applications
Solar power
UPS
3-level-application
Equivalent Circuit Schematic


Similar Part No. - GD50MLX65F1S

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GD50MPS12-CAL GENESIC-GD50MPS12-CAL Datasheet
300Kb / 6P
1200V 50A SiC Schottky MPS??Diode
More results

Similar Description - GD50MLX65F1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
Econo IPM series 600V / 50A 6 in one-package
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
Econo IPM series 1200V / 50A 7 in one-package
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
Econo IPM series 1200V / 50A 6 in one-package
logo
List of Unclassifed Man...
7MBP50RA060 ETC2-7MBP50RA060 Datasheet
767Kb / 8P
IGBT-IPM R series 600V / 50A 7 in one-package
logo
Fuji Electric
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
1MBI50U4F-120L-50 FUJI-1MBI50U4F-120L-50 Datasheet
452Kb / 7P
IGBT MODULE (U series) 1200V / 50A / 1 in one package
6MBI50VA-060-50 FUJI-6MBI50VA-060-50 Datasheet
416Kb / 6P
IGBT MODULE (V series) 600V / 50A / 6 in one package
logo
Renesas Technology Corp
RJH65D27BDPQ-A0 RENESAS-RJH65D27BDPQ-A0 Datasheet
588Kb / 11P
650V - 50A - IGBT
RBN50H65T1FPQ-A0 RENESAS-RBN50H65T1FPQ-A0 Datasheet
172Kb / 12P
650V - 50A - IGBT
Aug.03.2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com